전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

9248 BLK 3A 데이터시트 (PDF) - pro-elec

9248 BLK 3A Datasheet PDF - pro-elec
부품명 9248 BLK 3A
다운로드  9248 BLK 3A 다운로드
파일 크기   169.49 Kbytes
페이지   1 Pages
제조업체  PRO-ELEC [pro-elec]
홈페이지  
Logo PRO-ELEC - pro-elec
상세설명 UK Mains Plugs

9248 BLK 3A Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
9248 BLK 3A Datasheet PDF - pro-elec

부품명 9248 BLK 3A
다운로드  9248 BLK 3A Click to download

파일 크기   169.49 Kbytes
페이지   1 Pages
제조업체  PRO-ELEC [pro-elec]
홈페이지  
Logo PRO-ELEC - pro-elec
상세설명 UK Mains Plugs

9248 BLK 3A 데이터시트 (HTML) - pro-elec


9248 BLK 3A 제품 세부 정보

•13A Rated 3-pin UK mains plugs manufactured from nylon and urea
•The plugs have a quickfit type cord grip
•BS1363 approved (fitted with BS approved fuses)




유사한 부품 번호 - 9248 BLK 3A

제조업체부품명데이터시트상세설명
logo
Belden Inc.
9248 BELDEN-9248 Datasheet
157Kb / 3P
Analog Video, RG6, #18 Solid BC, Foil 60% TC Braid, PVC Jacket, CM
12-19-2022
9248-0101000 BELDEN-9248-0101000 Datasheet
157Kb / 3P
Analog Video, RG6, #18 Solid BC, Foil 60% TC Braid, PVC Jacket, CM
12-19-2022
9248-0101640 BELDEN-9248-0101640 Datasheet
157Kb / 3P
Analog Video, RG6, #18 Solid BC, Foil 60% TC Braid, PVC Jacket, CM
12-19-2022
9248-0103280 BELDEN-9248-0103280 Datasheet
157Kb / 3P
Analog Video, RG6, #18 Solid BC, Foil 60% TC Braid, PVC Jacket, CM
12-19-2022
9248-010500 BELDEN-9248-010500 Datasheet
157Kb / 3P
Analog Video, RG6, #18 Solid BC, Foil 60% TC Braid, PVC Jacket, CM
12-19-2022
More results


유사한 설명 - 9248 BLK 3A

제조업체부품명데이터시트상세설명
logo
ITT Industries
NE18 ITT-NE18 Datasheet
999Kb / 9P
Mains / Power Switches
logo
ECM Electronics Limited...
TCH-A ECM-TCH-A Datasheet
144Kb / 3P
Flat Mains Transformer
logo
PIC GmbH
MS-216-5 PIC-MS-216-5 Datasheet
22Kb / 1P
Mains switching Reed Sensor
logo
Schurter Inc.
1363 SCHURTER-1363 Datasheet
247Kb / 2P
UK Power (Mains) Plug, Cord Connector (Rewireable), 3 pole, Angled
2343 SCHURTER-2343 Datasheet
260Kb / 2P
Power Supply Cord with UK Power (Mains) Plug 3-pole, Angled
logo
Switchcraft, Inc.
TT-201 SWITCH-TT-201 Datasheet
33Kb / 1P
MINIATURE, DUMMY PLUGS, HOLE PLUGS
logo
List of Unclassifed Man...
SF2010-6 ETC2-SF2010-6 Datasheet
85Kb / 2P
MAINS INPUT FILTERS
logo
Tripp Lite. All Rights ...
B110INT TRIPPLITE-B110INT Datasheet
486Kb / 2P
International AC Adapter for Tripp Lite Video over Cat5 Extenders (European, UK, Australian Plugs)
logo
C&K Components
NE-18 CK-COMPONENTS-NE-18_V01 Datasheet
1Mb / 9P
Mains / Power Switches
22 Dec 21
logo
Electronic Components L...
BAC2556 CLIFF-BAC2556 Datasheet
305Kb / 1P
UK MAINS PLUG TO IEC CORDSET
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com